Part Number Hot Search : 
RA101 1733L APW7176 155315A TL081BI W30N60 AU6986 P6KE250
Product Description
Full Text Search
 

To Download ERJS12F222C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  anti-sulfurated thick film chip resistors design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. & 1 3 2 + 3 4 4  5  6 ' 7  8  9  10  11 7 12 thick film chip resistors product code size, power rating type: inch u01 : 0201 s02 : 0402 u02 s03 : 0603 u03 s06 : 0805 u06 s08 : 1206 u08 0.05 w 0.1 w 0.1 w 0.125 w 0.25 w power r. resistance tolerance code f j 0 tolerance 1 % 5 % jumper the ?rst two or three digits are signi?cant ?gures of resistance and the third or 4th one denotes number of zeros following. jumper is expressed by r00. three digit type (5%), four digit type (1%) example: 2222.2 k?, 100210 k? resistance value type: inch s14 : 1210 u14 s12 : 1812 u12 s1d : 2010 u1d s1t : 2512 u1t 0.5 w 0.75 w 0.75 w 1 w power r. packaging methods code packaging type pressed carrier taping 2 mm pitch, 15,000 pcs. erju01 embossed carrier taping 4 mm pitch, 4,000 pcs. embossed carrier taping 4 mm pitch, 5,000 pcs. erjs1t, erju1t erjs03, erju03 erjs06, erju06 erjs08, erju08 erjs14, erju14 erjs12, erju12 erjs1d, erju1d erjs02, erju02 c punched carrier taping 2 mm pitch, 10,000 pcs. x punched carrier taping 4 mm pitch, 5,000 pcs. v u  4+37 & 1 3 2 + 3 4 4 567891011 type: inch s6: 0805 0.25 w power r. code s q resistance value 0.1 ? to 0.2 ? 0.22 ? to 1 ? resistance tolerance code f g j tolerance 1 % 2 % 5 % packaging methods code type packaging shown by 3 digits or letters. (example) r20 : 0.20 ?=200 m? 1r0 : 1.00 ?=1000 m? resistance value erjs6 res. value punched carrier taping 4 mm pitch, 5,000 pcs. v thick film chip resistors product code size, power rating anti-sulfurated thick film chip resistors erj s : 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512 erj s6 : 0805 erj u : 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512 type: erj s02, s03, s06, s08, s14 s12, s1d, s1t (au-based inner electrode type) type: erj s6s, s6q (ag-pd-based inner electrode type) type: erj u01, u02, u03, u06, u08, u14, u12, u1d, u1t (ag-pd-based inner electrode type) features high resistance to sulfurization achieved by adopting an au-based inner electrode (erjs0/s1 type) and ag-pd-based inner electrode (erjs6, erju type) high reliability metal glaze thick ? lm resistive el ement and three layers of electrodes suitable for both re? ow and ? ow soldering low resistance type erjs6s, s6q : 0.1 to 1.0 re ference standard iec 60115-8, jis c 5201-8, eiaj rc-2134b rohs compliant explanation of part numbers erjs0, s1, u0, u1 series erjs6s, s6q series  packaging methods, land pattern, soldering conditions and safety precautions please see data files aug. 2012 04 24
anti-sulfurated thick film chip resistors design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. a b t w l (1) rated continuous working voltage (rcwv) shall be determined from rcwv= power rating resistance values, or limiting element voltage listed above, whichever less. (2) overload (short-time overload) test voltage (sotv) shall be determined from sotv=2.5 power rating or max. overload voltage listed above whichever less. ratings type (inch size) powerrating at 70 c (w) limiting element voltage (1) (v) maximum overload voltage (2) (v) resistance tolerance (%) resistance range ( ) t.c.r. ( 10 -6 /c ) category temperature range (c) erju01 (0201) 0.05 25 50 1 10 to 1 m (e24, e96) <10 : C100 to +600 10 to 1 m: 200(5%) 100(1%) ? ? erju01, erjs02, erju02 : 200 1 m<: C400 to +150 -55 to +125 5 1 to 1 m (e24) erjs02 erju02 (0402) 0.1 50 100 1 10 to 1 m (e24, e96) -55 to +155 5 1 to 3.3 m (e24) erjs03 erju03 (0603) 0.1 75 150 1 10 to 1 m (e24, e96) -55 to +155 5 1 to 10 m (e24) erjs06 erju06 (0805) 0.125 150 200 1 10 to 1 m (e24, e96) -55 to +155 5 1 to 10 m (e24) erjs08 erju08 (1206) 0.25 200 400 1 10 to 1 m (e24, e96) -55 to +155 5 1 to 10 m (e24) erjs14 erju14 (1210) 0.5 200 400 1 10 to 1 m (e24, e96) -55 to +155 5 1 to 10 m (e24) erjs12 erju12 (1812) 0.75 200 500 1 10 to 1 m (e24, e96) -55 to +155 5 1 to 10 m (e24) erjs1d erju1d (2010) 0.75 200 500 1 10 to 1 m (e24, e96) -55 to +155 5 1 to 10 m (e24) erjs1t erju1t (2512) 1.0 200 500 1 10 to 1 m (e24, e96) -55 to +155 5 1 to 10 m (e24) thick ? lm resistive element electrode (inner) au-based : erjs type ag-pd-based: erju type erjs6 type electrode (outer) electrode (between) alumina substrate protective coating construction dimensions in mm (not to scale) type (inch size) dimensions (mm) mass (weight) [g/1000 pcs.] lwa b t erju01 (0201) 0.60 0.03 0.30 0.03 0.10 0.05 0.15 0.05 0.23 0.03 0.15 erjs02 (0402) erju02 1.00 0.05 0.50 0.05 0.20 0.10 0.25 0.10 0.35 0.05 0.8 erjs03 (0603) erju03 1.60 0.15 0.80 +0.15 0.30 0.20 0.30 0.15 0.45 0.10 2 erjs06 (0805) erju06 2.00 0.20 1.25 0.10 0.40 0.20 0.40 0.20 0.60 0.10 4 erjs6 (0805) 2.00 0.20 1.25 0.10 0.45 0.20 0.45 0.20 0.55 0.10 6 erjs08 (1206) erju08 3.20 +0.05 1.60 +0.05 0.50 0.20 0.50 0.20 0.60 0.10 10 erjs14 (1210) erju14 3.20 0.20 2.50 0.20 0.50 0.20 0.50 0.20 0.60 0.10 16 erjs12 (1812) erju12 4.50 0.20 3.20 0.20 0.50 0.20 0.50 0.20 0.60 0.10 27 erjs1d (2010) erju1d 5.00 0.20 2.50 0.20 0.60 0.20 0.60 0.20 0.60 0.10 27 erjs1t (2512) erju1t 6.40 0.20 3.20 0.20 0.65 0.20 0.60 0.20 0.60 0.10 45 C0.05 C0.15 C0.20 type (inch size) powerrating at 70 c (w) resistance tolerance (%) resistance range ( ) t. c.r. ( 10 -6 /c ) category temperature range (c) erjs6s (0805) 0.25 1, 2, 5 0.1 to 0.2 (e24) 150 -55 to +155 erjs6q (0805) 0.22 to 1 (e24) aug. 2012 04 25
anti-sulfurated thick film chip resistors design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. C40 C20 0 20 40 60 80 100 120 140 160 0 180 C60 70 c ambient temperature (c) 20 40 60 80 100 rated load (%) C55 c 125 c erju01 155 c power derating curve for resistors operated in ambient temperatures above 70 c, power rating shall be derated in accordance with the ? gure below. type (inch size) rated current (a) maximum overload current (a) erju01 (0201) 0.5 1 erjs02 erju02 (0402) 12 erjs03 erju03 (0603) erjs06 erju06 erjs6s/q (0805) 24 erjs08 erju08 (1206) erjs14 erju14 (1210) erjs12 erju12 (1812) erjs1d erju1d (2012) erjs1t erju1t (2512) aug. 2012 04 26


▲Up To Search▲   

 
Price & Availability of ERJS12F222C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X